PART |
Description |
Maker |
NTMFS4841NT3G |
Power MOSFET 30V 57A Single N-Channel, SO-8FL
|
ON Semiconductor
|
IRFP044 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
|
International Rectifier Power MOSFET
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
IRF7706 IRF7706TR |
-30V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package Power MOSFET(Vdss=-30V)
|
IRF[International Rectifier]
|
IRF7413A IRF7413ATR |
Power MOSFET(Vdss=30V/ Rds(on)=0.0135ohm) Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm) 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRF7416 IRFB7416 IRF7416TR |
Power MOSFET(Vdss=-30V/ Rds(on)=0.02ohm) Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm) -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRHNB8Z60 IRHNB3Z60 IRHNB4Z60 IRHNB7Z60 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 75A I(D) | SMT RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3) 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package 30V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package
|
IRF[International Rectifier]
|
UF3710G-TA3-T UF3710L-TA3-T UF3710L-TQ2-T UF3710G- |
57A, 100V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|